| データシートサーチシステム |
|
AD8546ARMZ-R7 データシート(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8546ARMZ-R7 データシート(HTML) 13 Page - Analog Devices |
|
13 / 24 page ![]() Data Sheet AD8546/AD8548 Rev. C | Page 13 of 24 TIME (100µs/DIV) VSY = ±1.35V AV = +1 RL = 1MΩ CL = 100pF Figure 39. Large Signal Transient Response TIME (100µs/DIV) VSY = ±1.35V AV = +1 RL = 1MΩ CL = 100pF Figure 40. Small Signal Transient Response TIME (40µs/DIV) –0.4 –0.2 0 2 1 0 VSY = ±1.35V AV = –10 RL = 1MΩ INPUT OUTPUT Figure 41. Positive Overload Recovery TIME (100µs/DIV) VSY = ±9V AV = +1 RL = 1MΩ CL = 100pF Figure 42. Large Signal Transient Response TIME (100µs/DIV) VSY = ±9V AV = +1 RL = 1MΩ CL = 100pF Figure 43. Small Signal Transient Response TIME (40µs/DIV) –1 0 –2 10 5 0 VSY = ±9V AV = –10 RL = 1MΩ INPUT OUTPUT Figure 44. Positive Overload Recovery |