データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8765H/4 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 TDA8765H/4
部品情報  10-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8765H/4 データシート(HTML) 3 Page - NXP Semiconductors

  TDA8765H/4 Datasheet HTML 1Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 2Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 3Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 4Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 5Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 6Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 7Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 8Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Jan 06
3
Philips Semiconductors
Preliminary specification
10-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8765
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGK801
MSB
data outputs
19
D9
D8
D7
D6
D5
D4
D3
43
42
39
11
Vref
SH
1, 5 to 8,
12 to 14, 16, 31 and 32
n.c.
D2
21
22
23
24
25
26
27
28
29
30
D1
D0
LSB
VCCO
33
IR
34
20
18
CMOS
OUTPUTS
LATCHES
ANALOG-TO-DIGITAL
CONVERTER
CLOCK DRIVER
15
VCCD2
37
VCCD1
41
VCCA4
3
VCCA3
9
VCCA2
2
VCCA1
36
CLK
35
CLK
CMOS
OUTPUT
OGND
OVERFLOW/
UNDERFLOW
LATCH
CE
OTC
sample-
and-hold
TDA8765
17
DGND2
38
DGND1
40
AGND4
4
AGND3
10
AGND2
44
AGND1
VI
VI
AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20