| データシートサーチシステム |
|
TDA8764HL/8 データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8764HL/8 データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 28 page ![]() 1999 Jan 12 5 Philips Semiconductors Preliminary specification 10-bit high-speed low-power ADC with internal reference regulator TDA8764 PINNING SYMBOL PINS DESCRIPTION SSOP28 LQFP32 CLK 1 5 clock input TC 2 6 twos complement input (input active LOW) VCCA 3 7 analog supply voltage (+5 V) AGND 4 8 analog ground DEC 5 10 decoupling input VRB 6 12 reference voltage BOTTOM input VRM 7 13 reference voltage MIDDLE input VI 8 14 analog input voltage VRT 9 15 reference voltage TOP input OE 10 16 output enable input (input active LOW) VCCD2 11 17 digital supply voltage 2 (+5 V) DGND2 12 18 digital ground 2 VCCO 13 19 supply voltage for output stages (2.7 to 3.6 V) OGND 14 20 output ground GRAY 15 21 gray code input (input active HIGH) D0 16 22 data output; bit 0 (LSB) D1 17 23 data output; bit 1 D2 18 24 data output; bit 2 D3 19 25 data output; bit 3 D4 20 26 data output; bit 4 D5 21 27 data output; bit 5 D6 22 28 data output; bit 6 D7 23 29 data output; bit 7 D8 24 30 data output; bit 8 D9 25 31 data output; bit 9 (MSB) IR 26 2 in-range data output DGND1 27 3 digital ground 1 VCCD1 28 4 digital supply voltage 1 (+5 V) n.c. − 1, 9, 11 and 32 not connected |