データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC24H データシート(PDF) 32 Page - Microchip Technology

部品番号 DSPIC24H
部品情報  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC24H データシート(HTML) 32 Page - Microchip Technology

Back Button DSPIC24H Datasheet HTML 28Page - Microchip Technology DSPIC24H Datasheet HTML 29Page - Microchip Technology DSPIC24H Datasheet HTML 30Page - Microchip Technology DSPIC24H Datasheet HTML 31Page - Microchip Technology DSPIC24H Datasheet HTML 32Page - Microchip Technology DSPIC24H Datasheet HTML 33Page - Microchip Technology DSPIC24H Datasheet HTML 34Page - Microchip Technology DSPIC24H Datasheet HTML 35Page - Microchip Technology DSPIC24H Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 32
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 2-3:
PROGRAM MEMORY MAP
0x000000
Configuration Registers
Code Memory
0x02AC00
0x02ABFE
(87552 x 24-bit)
0x800000
0xF80000
(12 x 8-bit)
0xF80017
0xF80018
Device ID
0xFEFFFE
0xFF0000
0xFFFFFE
Reserved
0xF7FFFE
Reserved
0x800FFE
0x801000
Executive Code Memory
0x7FFFFE
Reserved
0xFF0002
0xFF0004
Reserved
(2 x 16-bit)
Note:
The address boundaries for user Flash and Executive code memory are device dependent.
User Flash
(2048 x 24-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80