| データシートサーチシステム |
|
DSPIC33FJ64GP710 データシート(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ64GP710 データシート(HTML) 36 Page - Microchip Technology |
|
36 / 80 page ![]() dsPIC33F/PIC24H PROGRAMMING SPECIFICATION DS70152D-page 36 Preliminary © 2007 Microchip Technology Inc. FIGURE 3-4: FLOWCHART FOR PROGRAMMING CODE MEMORY 3.5.2 PROGRAMMING VERIFICATION After code memory is programmed, the contents of memory can be verified to ensure that programming was successful. Verification requires code memory to be read back and compared against the copy held in the programmer’s buffer. The READP command can be used to read back all the programmed code memory. Alternatively, you can have the programmer perform the verification after the entire device is programmed, using a checksum computation. 3.5.3 CHECKSUM COMPUTATION Only the Configuration registers are included in the checksum computation. The Device ID and Unit ID are not included in the checksum computation. Table 3-2 shows how this 16-bit computation can be made for each dsPIC33F and PIC24H device. Compu- tations for read code protection are shown both enabled and disabled. The checksum values shown here assume that the Configuration registers are also erased. However, when code protection is enabled, the value of the FGS register is assumed to be 0x5. Is PROGP response PASS? Is RemainingCmds ‘0’? BaseAddress = 0x0 RemainingCmds = 1368 RemainingCmds = RemainingCmds – 1 BaseAddress = BaseAddress + 0x80 No No Yes Yes Start Failure Report Error Send PROGP Command to Program BaseAddress Finish |