データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8067ARTZ-R2 データシート(PDF) 22 Page - Analog Devices

部品番号 AD8067ARTZ-R2
部品情報  High Gain Bandwidth Product, Precision Fast FET™ Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8067ARTZ-R2 データシート(HTML) 22 Page - Analog Devices

Back Button AD8067ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 19Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 20Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 21Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 22Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 23Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8067
Data Sheet
Rev. B | Page 22 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-AA
10°
5°
0°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.35 MIN
0.55
0.45
0.35
Figure 61. 5-Lead Small Outline Transistor Package [SOT-23}
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding2
AD8067ART-REEL
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB
AD8067ART-R2
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB
AD8067ARTZ-REEL
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB#
AD8067ARTZ-REEL7
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB#
AD8067ARTZ-R2
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB#
AD8067ART-EBZ
–40°C to +85°C
Evaluation Board for 5-Lead SOT-23
1
Z = RoHS Compliant Part.
2
# denotes lead-free product may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24