| データシートサーチシステム |
|
AD820ARMZ データシート(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD820ARMZ データシート(HTML) 16 Page - Analog Devices |
|
16 / 24 page ![]() AD820 Rev. H | Page 16 of 24 APPLICATIONS INFORMATION INPUT CHARACTERISTICS In the AD820, N-channel JFETs are used to provide a low offset, low noise, high impedance input stage. Minimum input common- mode voltage extends from 0.2 V below –VS to 1 V less than +VS. Driving the input voltage closer to the positive rail causes a loss of amplifier bandwidth (as can be seen by comparing the large signal responses shown in Figure 29 and Figure 32) and increased common-mode voltage error, as illustrated in Figure 20. The AD820 does not exhibit phase reversal for input voltages up to and including +VS. Figure 38a shows the response of an AD820 voltage follower to a 0 V to 5 V (+VS) square wave input. The input and output are superimposed. The output polarity tracks the input polarity up to +VS with no phase reversal. The reduced bandwidth above a 4 V input causes the rounding of the output waveform. For input voltages greater than +VS, a resistor in series with the AD820 positive input prevents phase reversal, at the expense of greater input voltage noise. This is illustrated in Figure 38b. Because the input stage uses N-channel JFETs, input current during normal operation is negative; the current flows out from the input terminals. If the input voltage is driven more positive than +VS − 0.4 V, the input current reverses direction as internal device junctions become forward biased. This is illustrated in Figure 7. A current-limiting resistor should be used in series with the input of the AD820 if there is a possibility of the input voltage exceeding the positive supply by more than 300 mV, or if an input voltage is applied to the AD820 when ±VS = 0 V. The amplifier can be damaged if left in that condition for more than 10 seconds. A 1 kΩ resistor allows the amplifier to withstand up to 10 V of continuous overvoltage, and increases the input voltage noise by a negligible amount. Input voltages less than −VS are a completely different story. The amplifier can safely withstand input voltages 20 V below the negative supply voltage as long as the total voltage from the positive supply to the input terminal is less than 36 V. In addition, the input stage typically maintains picoamp level input currents across that input voltage range. The AD820 is designed for 13 nV/√Hz wideband input voltage noise and maintains low noise performance to low frequencies (refer to Figure 14). This noise performance, along with the AD820 low input current and current noise, means that the AD820 contributes negligible noise for applications with source resistances greater than 10 kΩ and signal bandwidths greater than 1 kHz. This is illustrated in Figure 39. 100 90 10 0% 1V 1V 1V 10µs GND +VS 100 90 10 0% 1V 1V 2µs GND AD820 5V RP VOUT – + VIN – + (b) (a) Figure 38. (a) Response with RP= 0 Ω; VIN from 0 V to +VS (b) VIN = 0 V to +VS + 200 mV, VOUT = 0 V to +VS, RP = 49.9 kΩ 100k 0.1 10k 10G SOURCE IMPEDANCE (Ω) 10k 1k 100 10 1 100k 1M 10M 100M 1G WHENEVER JOHNSON NOISE IS GREATER THAN AMPLIFIER NOISE, AMPLIFIER NOISE CAN BE CONSIDERED NEGLIGIBLE FOR APPLICATION. RESISTOR JOHNSON NOISE 1kHz 10Hz AMPLIFIER-GENERATED NOISE Figure 39. Total Noise vs. Source Impedance |