| データシートサーチシステム |
|
AD8544WARZ-R7 データシート(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8544WARZ-R7 データシート(HTML) 16 Page - Analog Devices |
|
16 / 18 page ![]() Data Sheet AD8541/AD8542/AD8544 OUTLINE DIMENSIONS analog.com Rev. H | 16 of 18 Figure 41. 5-Lead Small Outline Transistor Package [SOT-23] (RJ-5) Dimensions shown in millimeters Figure 42. 14-Lead Thin Shrink Small Outline Package [TSSOP] (RU-14) Dimensions shown in millimeters COMPLIANT TO JEDEC STANDARDS MO-203-AA 1.00 0.90 0.70 0.46 0.36 0.26 2.20 2.00 1.80 2.40 2.10 1.80 1.35 1.25 1.15 0.10 MAX 1.10 0.80 0.40 0.10 0.22 0.08 3 1 2 4 5 0.65 BSC COPLANARITY 0.10 SEATING PLANE 0.30 0.15 Figure 43. 5-Lead Thin Shrink Small Outline Transistor Package [SC70] (KS-5) Dimensions shown in millimeters |