| データシートサーチシステム |
|
25AA1024T-I/MF データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25AA1024T-I/MF データシート(HTML) 21 Page - Microchip Technology |
|
21 / 30 page ![]() © 2007 Microchip Technology Inc. Preliminary DS21836D-page 21 25AA1024/25LC1024 8-Lead Plastic Dual Flat, No Lead Package (MF) – 6x5 mm Body [DFN-S] PUNCH SINGULATED Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Package may have one or more exposed tie bars at ends. 3. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Units MILLIMETERS Dimension Limits MIN NOM MAX Number of Pins N 8 Pitch e 1.27 BSC Overall Height A – 0.85 1.00 Molded Package Thickness A2 – 0.65 0.80 Standoff A1 0.00 0.01 0.05 Base Thickness A3 0.20 REF Overall Length D 4.92 BSC Molded Package Length D1 4.67 BSC Exposed Pad Length D2 3.85 4.00 4.15 Overall Width E 5.99 BSC Molded Package Width E1 5.74 BSC Exposed Pad Width E2 2.16 2.31 2.46 Contact Width b 0.35 0.40 0.47 Contact Length L 0.50 0.60 0.75 Contact-to-Exposed Pad K 0.20 – – Model Draft Angle Top φ – – 12° φ NOTE 2 A3 A2 A1 A NOTE 1 NOTE 1 EXPOSED PAD BOTTOM VIEW 1 2 D2 2 1 E2 K L N e b E E1 D D1 N TOP VIEW Microchip Technology Drawing C04-113B |