データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMN2009LSS-13 データシート(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

部品番号 DMN2009LSS-13
部品情報  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
ホームページ  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

DMN2009LSS-13 データシート(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  DMN2009LSS-13 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED DMN2009LSS-13 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED DMN2009LSS-13 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED DMN2009LSS-13 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED DMN2009LSS-13 Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TA=25 unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.5
2.0
V
VGS=4.5V, ID=6A
-
6
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=5A
8
Forward Transconductance
gFS
VDS=10V,ID=6A
20
-
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
2000
-
PF
Output Capacitance
Coss
-
402
-
PF
Reverse Transfer Capacitance
Crss
VDS=10V,VGS=0V,
F=1.0MHz
-
170
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
25
-
nS
Turn-on Rise Time
tr
-
15
-
nS
Turn-Off Delay Time
td(off)
-
25
-
nS
Turn-Off Fall Time
tf
VDD=10V,ID=6A
VGS=4. 5V,RGEN=1Ω
-
15
-
nS
Total Gate Charge
Qg
-
42
-
nC
Gate-Source Charge
Qgs
-
10.8
-
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=6A,
VGS=10V
-
9.2
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=6A
-
-
1.2
V
Diode Forward Current (Note 2)
IS
-
-
12
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
mΩ
www.bychip.cn
DMN2009LSS-13
v2.0



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com