| データシートサーチシステム |
|
38D5 データシート(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38D5 データシート(HTML) 91 Page - Renesas Technology Corp |
|
91 / 141 page ![]() Rev.3.01 Aug 08, 2007 Page 91 of 134 REJ03B0158-0301 38D5 Group Fig 84. Operating waveform for standard serial I/O mode 1 Fig 85. Operating waveform for standard serial I/O mode 2 Power source RESET CNVSS P41(TXD) P42(SCLK) P43(BUSY) P40(RXD) td(CNVSS-RESET) td(P41-RESET) Notes: In the standard serial I/O mode 1, input “H” to the P42 pin. Be sure to set the CNVss pin to “H” before rising RESET. Be sure to set the P41 pin to “H” before rising RESET. td(CNVSS-RESET) td(P41-RESET) Symbol Min. Max. Typ. Unit 0 0 -- ms ms Limits Flash memory version Power source RESET CNVSS P41(TXD) P43(BUSY) P40(RXD) P42(SCLK) td(CNVSS-RESET) td(P41-RESET) td(CNVSS-RESET) td(P41-RESET) Symbol Min. Max. Typ. Unit 0 0 -- ms ms Limits Notes: In the standard serial I/O mode 2, input “H” to the P42 pin. Be sure to set the CNVss pin to “H” before rising RESET. Be sure to set the P41 pin to “H” before rising RESET. Flash memory version |