| データシートサーチシステム |
|
R8C2C データシート(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2C データシート(HTML) 35 Page - Renesas Technology Corp |
|
35 / 58 page ![]() R8C/2C Group, R8C/2D Group 1. Overview Rev.2.00 Dec 05, 2007 Page 14 of 585 REJ09B0339-0200 I: Input O: Output I/O: Input and output Table 1.10 Pin Functions (2) Item Pin Name I/O Type Description A/D converter AN0 to AN19 I Analog input pins to A/D converter D/A converter DA0 to DA1 O D/A converter output pins I/O port P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_3 to P4_5, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_3 I/O CMOS I/O ports. Each port has an I/O select direction register, allowing each pin in the port to be directed for input or output individually. Any port set to input can be set to use a pull-up resistor or not by a program. P2_0 to P2_7 also function as LED drive ports. Input port P4_6, P4_7 I Input-only ports |