| データシートサーチシステム |
|
4559 データシート(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 データシート(HTML) 39 Page - Renesas Technology Corp |
|
39 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 39 of 146 REJ03B0188-0104 4559 Group Fig 38. CNTR output auto-control function by timer 1 Timer 1 start CNTR output start Timer 1 underflow signal PWM signal • CNTR output auto-control circuit operation example 1 (W23 = “1”, W41 = “1”) CNTR output * When the CNTR1 output auto-control circuit is selected, valid/invalid of CNTR output is repeated every timer 1 underflows. • CNTR output auto-control circuit operation example 2 (W23 = “1”) Timer 1 start CNTR output start Timer 1 underflow signal PWM signal Register W41 Timer 1 stop CNTR output stop CNTR output (1) When the CNTR output auto-control function is not selected while the CNTR output is invalid, CNTR output invalid state is retained. (2) When the CNTR output auto-control function is not selected while the CNTR output is valid, CNTR output valid state is retained. (3) When the timer 1 is stopped, the CNTR output auto-control function becomes invalid. (1) (2) (3) |