| データシートサーチシステム |
|
ADA4084-1ARZ-R7 データシート(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4084-1ARZ-R7 データシート(HTML) 9 Page - Analog Devices |
|
9 / 36 page ![]() Data Sheet ADA4084-1/ADA4084-2/ADA4084-4 Rev. I | Page 9 of 36 +IN A V– OUT A –IN A –IN B +IN B V+ OUT B 1 2 3 4 8 7 6 5 ADA4084-2 TOP VIEW (Not to Scale) Figure 6. ADA4084-2, 8-Lead MSOP (RM) OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 ADA4084-2 TOP VIEW (Not to Scale) Figure 7. ADA4084-2, 8-Lead SOIC (R) Table 10. 8-Lead MSOP, 8-Lead SOIC, ADA4084-2 Pin Function Descriptions Pin No. Mnemonic Description 1 OUT A Output, Channel A 2 −IN A Negative Input, Channel A 3 +IN A Positive Input, Channel A 4 V− Negative Supply 5 +IN B Positive Input, Channel B 6 −IN B Negative Input, Channel B 7 OUT B Output, Channel B 8 V+ Positive Supply B OUT B +IN B –IN B V+ –IN A +IN A OUT A OUT C +IN C –IN C V– –IN D +IN D OUT D 1 2 3 4 5 6 7 14 13 12 11 10 9 8 ADA4084-4 TOP VIEW (Not to Scale) Figure 8. ADA4084-4, 14-Lead TSSOP (RU) Table 11. 14-Lead TSSOP, ADA4804-4 Pin Function Descriptions Pin No. Mnemonic Description 1 OUT A Output, Channel A 2 −IN A Negative Input, Channel A 3 +IN A Positive Input, Channel A 4 V+ Positive Supply 5 +IN B Positive Input, Channel B 6 −IN B Negative Input, Channel B 7 OUT B Output, Channel B 8 OUT C Output, Channel C 9 −IN C Negative Input, Channel C 10 +IN C Positive Input, Channel C 11 V− Negative Supply 12 +IN D Positive Input, Channel D 13 −IN D Negative Input, Channel D 14 OUT D Output, Channel D |