| データシートサーチシステム |
|
AD8628WAUJZ-R7 データシート(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8628WAUJZ-R7 データシート(HTML) 18 Page - Analog Devices |
|
18 / 21 page ![]() Data Sheet AD8628/AD8629/AD8630 FUNCTIONAL DESCRIPTION analog.com Rev. M | 18 of 21 and PSRR help to maintain the overall circuit accuracy. As long as the rate of change of the current is not too fast, an auto-zero amplifier can be used with excellent results. OUTPUT AMPLIFIER FOR HIGH PRECISION DACS The AD8628/AD8629/AD8630 are used as output amplifiers for a 16-bit high precision DAC in a unipolar configuration. In this case, the selected op amp needs to have a very low offset voltage (the DAC LSB is 38 µV when operated with a 2.5 V reference) to eliminate the need for output offset trims. The input bias current (typically a few tens of picoamperes) must also be very low be- cause it generates an additional zero code error when multiplied by the DAC output impedance (approximately 6 kΩ). Rail-to-rail input and output provide full-scale output with very little error. The output impedance of the DAC is constant and code independent, but the high input impedance of the AD8628/AD8629/ AD8630 minimizes gain errors. The wide bandwidth of the amplifi- ers also serves well in this case. The amplifiers, with settling time of 1 µs, add another time constant to the system, increasing the settling time of the output. The settling time of the AD5541 is 1 µs. The combined settling time is approximately 1.4 µs, as can be derived from the following equation: tS TOTAL = tSDAC2+ tSAD86282 (1) Figure 64. AD8628 Used as an Output Amplifier |