データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAG6SP.02 データシート(PDF) 13 Page - OSRAM GmbH

部品番号 LAG6SP.02
部品情報  The Advanced Power TOPLED.02 (APT.02) features ams OSRAM’s state-of-the-art generation of PLCC 6 packages, which have set a market standard in the mid power LED world and were decades ago the first of its kind.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAG6SP.02 データシート(HTML) 13 Page - OSRAM GmbH

Back Button LAG6SP.02 Datasheet HTML 9Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 10Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 11Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 12Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 13Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 14Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 15Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 16Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LA G6SP.02
DATASHEET
DATASHEET
13 | Version 1.1 | 2024-03-19
Recommended Solder Pad 9)
Package
marking
0.6 (0.024)
Lötstopplack
Solder resist
0.35 (0.014)
A
A
min 9 mm per anode pad for
improved heat dissipation
C
A
A
2
0.8 (0.031)
OHLPY925
0.35 (0.014)
0.8 (0.031)
Package
marking
For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. Package not
suitable for ultra sonic cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22