データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LBCRBP.01 データシート(PDF) 20 Page - OSRAM GmbH

部品番号 LBCRBP.01
部品情報  The OSLON® Signal combines a compact form factor with high efficiency and electrically insulated thermal pad.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBCRBP.01 データシート(HTML) 20 Page - OSRAM GmbH

Back Button LBCRBP.01 Datasheet HTML 16Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 17Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 18Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 19Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 20Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 21Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 22Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 23Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 24Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LB CRBP.01
DATASHEET
DATASHEET
20 | Version 1.3 | 2023-04-06
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class low risk (exposure time 100 s). Under real circumstances (for exposure time,
conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye exists
from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24