| データシートサーチシステム |
|
TDF8704T/2 データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDF8704T/2 データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 20 page ![]() June 1994 5 Philips Semiconductors Product specification 8-bit high-speed analog-to-digital converter TDF8704 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC134). HANDLING Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling integrated circuits. THERMAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCCA analog supply voltage −0.3 +7.0 V VCCD digital supply voltage −0.3 +7.0 V VCCO output stages supply voltage −0.3 +7.0 V ∆V CC supply voltage differences between VCCA and VCCD −1.0 +1.0 V ∆VCC supply voltage differences between VCCO and VCCD −1.0 +1.0 V ∆V CC supply voltage differences between VCCA and VCCO −1.0 +1.0 V VI input voltage referenced to AGND −0.3 +7.0 V Vclk(p-p) AC input voltage for switching (peak-to-peak value) referenced to DGND − VCCD V IO output current − 10 mA Tstg storage temperature −55 +150 °C Tamb operating ambient temperature −40 +85 °C Tj junction temperature − +150 °C SYMBOL PARAMETER VALUE UNIT Rth j-a thermal resistance from junction to ambient in free air 75 K/W |