| データシートサーチシステム |
|
TDF8704T/5 データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDF8704T/5 データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 20 page ![]() June 1994 3 Philips Semiconductors Product specification 8-bit high-speed analog-to-digital converter TDF8704 BLOCK DIAGRAM Fig.1 Block diagram. handbook, full pagewidth 4 8 9 VRB VI VRT 7 VCCA 23 15 13 24 D2 D3 D4 D5 D6 1 2 12 D1 D0 D7 TTL OUTPUTS CLOCK DRIVER 16 CLK TDF8704 analog voltage input overflow / underflow output data outputs LSB MSB 14 ANALOG - TO - DIGITAL CONVERTER LATCHES MSA685 17 DGND 6 AGND analog ground digital ground 18 VCCD 11 22 CE STABILIZER TTL OUTPUT OVERFLOW / UNDERFLOW LATCH 5 DEC 19 V CCO1 21 V CCO2 20 output ground OGND |