| データシートサーチシステム |
|
ADA4857-2YCPZ-R2 データシート(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4857-2YCPZ-R2 データシート(HTML) 7 Page - Analog Devices |
|
7 / 21 page ![]() Data Sheet ADA4857-1/ADA4857-2 Rev. D | Page 7 of 21 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS Figure 5. 8-Lead LFCSP Pin Configuration Figure 6. 8-Lead SOIC Pin Configuration Table 5. 8-Lead LFCSP Pin Function Descriptions Pin No. Mnemonic Description 1 PD Power Down. 2 FB Feedback. 3 −IN Inverting Input. 4 +IN Noninverting Input. 5 −VS Negative Supply. 6 NC No Connect. 7 OUT Output. 8 +VS Positive Supply. EP GND or VS Exposed Pad. The exposed pad may be connected to GND or VS. Table 6. 8-Lead SOIC Pin Function Descriptions Pin No. Mnemonic Description 1 FB Feedback. 2 −IN Inverting Input. 3 +IN Noninverting Input. 4 −VS Negative Supply. 5 NC No Connect. 6 OUT Output. 7 +VS Positive Supply. 8 PD Power Down. PD FB –IN +IN OUT +VS NC –VS NOTES 1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN. 2. THE EXPOSED PAD MAY BE CONNECTED TO GND OR VS. 3 4 1 2 6 5 8 7 ADA4857-1 TOP VIEW (Not to Scale) FB 1 –IN 2 +IN 3 –VS 4 PD 8 +VS 7 OUT 6 NC 5 NC = NO CONNECT ADA4857-1 TOP VIEW (Not to Scale) |