データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PWR-500-DC-R データシート(PDF) 2 Page - Arista Networks, Inc

部品番号 PWR-500-DC-R
部品情報  Data Center Switch Router
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARISTA [Arista Networks, Inc]
ホームページ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500-DC-R データシート(HTML) 2 Page - Arista Networks, Inc

  PWR-500-DC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-500-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Enhanced Features for High Performance Cloud Networks
The Arista 7280R delivers a suite of advanced tra c control and monitoring features to improve the agility of modern high performance
environments, with solutions for automation, data monitoring, precise timing and next-generation virtualization.
Automating the data center enables customers to dynamically provision computing resources in the most e cient manner while also
meeting business needs by maintaining service level agreements (SLAs). Arista EOS automates complex IT work ows and simpli es
network operations while reducing or even eliminating downtime. Arista EOS rich automation capabilities not only reduce the human
error element in network operations but also enable IT operators to make the network work the way they want.
Arista o ers solutions for a variety of approaches to cloud-like network automation. Addressing the needs of the largest public cloud
environments as well as applying those lessons learned in the turnkey CloudVision automation o ering.
CloudVision
CloudVision is a network-wide approach for workload orchestration and work ow automation as a turnkey solution for Cloud
Networking. CloudVision extends the EOS publish subscribe architectural approach across the network for state, topology, monitoring
and visibility. This enables enterprises to move to cloud-class automation without needing any signi cant internal development.
Advanced Event Management (AEM)
Advanced Event Management (AEM), a sub-system of Arista EOS, is a powerful and exible tool to automate tasks and customize the
behavior of EOS and the operation of the overall data center switching infrastructure. Simplifying the overall operations, AEM provides
the tools to customize alerts and actions. AEM allows operators to fully utilize the intelligence within EOS to respond to real-time events,
automate routine tasks, and automate actions based on changing network conditions.
Precise Data Analysis
Arista Latency Analyzer (LANZ) and Precision Data Analyzer (DANZ) are integrated features of EOS. DANZ provides a solution to
monitoring and visibility challenges at 10/40/100Gbps giving IT operations the ability to proactively deliver feedback on congestion
events, lter, replicate, aggregate and capture tra c without a ecting production performance. LANZ provides precise real-time
monitoring of micro-burst and congestion events before they impact applications, with the ability to identify the sources and capture
a ected tra c for analysis.
Precision Timing (IEEE 1588)
Arista’s hardware derived Precision Time Protocol solution provides a robust mechanism for accurate in-band time distribution in high
performance environments. The system clock can be synchronized using IEEE 1588 PTP.
Virtualization
Supporting next-generation virtualized data centers requires tight integration with orchestration tools and emerging encapsulation
technologies such as VXLAN. The 7280R builds on the valuable tools already provided by the Arista VM Tracer suite to integrate directly
into encapsulated environments. O ering a wire-speed gateway between VXLAN and traditional L2/3 environments, the 7280R makes
integration of non-VXLAN aware devices including servers, rewalls and load-balancers seamless and provides the ability to leverage
VXLAN as a standards based L2 extension technology for non-MPLS environments.
AlgoMatchTM
AlgoMatch is a unique Arista innovation for modern cloud networks, combining both software and hardware to enable more exible
and scalable solutions for access control, policy based forwarding and network telemetry. By combining general purpose memory with
advanced software algorithms AlgoMatch delivers higher scale, performance and e ciency with lower power and is more cost e ective
than traditional solutions. AlgoMatch provides a more e cient packet matching algorithm that in turn enables ow matching for
access control, policy and visibility. The net bene ts are a high performance policy engine with both increased functionality and scale in
a cost and power e cient solution. AlgoMatch is available on the 7280RA, 7280R2A and 7280R2K Series of products.
•
AlgoMatch enables IPv4 and IPv6 access control at the same scale
•
L4 rule ranges are programmed e ciently without expansion or reduced capacity
•
Multiple actions can be performed on a single packet or ow
•
User de ned lters allow exible packet classi cation based on o sets for custom actions
•
Supports rich policy with consistent semantics that would exhaust classical resources
7280R Series | Technical Speci cations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16