| データシートサーチシステム |
|
LTC2066ISC6TRMPBF データシート(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC2066ISC6TRMPBF データシート(HTML) 17 Page - Analog Devices |
|
17 / 30 page ![]() LTC2066/LTC2067/LTC2068 17 Rev. B For more information www.analog.com APPLICATIONS INFORMATION RG** RF RF§ RL§ NC ‡ 2066 F04 HEAT SOURCE/ POWER DISSIPATOR THERMAL GRADIENT MATCHING RELAY RELAY * CUT SLOTS IN PCB FOR THERMAL ISOLATION. ** INTRODUCE DUMMY JUNCTIONS AND COMPONENTS TO OFFSET UNAVOIDABLE JUNCTIONS OR CANCEL THERMAL EMFs. † ALIGN INPUTS SYMMETRICALLY WITH RESPECT TO THERMAL GRADIENTS. ‡ INTRODUCE DUMMY TRACES AND COMPONENTS FOR SYMMETRICAL THERMAL HEAT SINKING. § LOADS AND FEEDBACK CAN DISSIPATE POWER AND GENERATE THERMAL GRADIENTS. BE AWARE OF THEIR THERMAL EFFECTS. # COVER CIRCUIT TO PREVENT AIR CURRENTS FROM CREATING THERMAL GRADIENTS. VIN VTHERMAL VTHERMAL LTC2066 +IN OUT –IN RG ** * # # † Figure 4. Techniques for Minimizing Thermocouple-Induced Errors Figure 5. Example Layout of Inverting Amplifier with Leakage Guard Ring ‡ RF OUT VOUT V– V– +IN V+ V+ –IN GUARD RING HIGH-Z SENSOR NO SOLDER MASK OVER GUARD RING LEAKAGE CURRENT VBIAS ‡ NO LEAKAGE CURRENT, V–IN = V+IN § AVOID DISSIPATING SIGNIFICANT AMOUNTS OF POWER IN THIS RESISTOR. IT WILL GENERATE THERMAL GRADIENTS WITH RESPECT TO THE INPUT PINS AND LEAD TO THERMOCOUPLE-INDUCED ERROR. THERMALLY ISOLATE OR ALIGN WITH INPUTS IF RESISTOR WILL CAUSE HEATING. § 2066 F05 + – GUARD RING LTC2066 LEAKAGE CURRENT LEAKAGE CURRENT IS ABSORBED BY GROUND INSTEAD OF CAUSING A MEASUREMENT ERROR. VOUT V+ V– HIGH-Z SENSOR RF VBIAS + – VIN RIN |