データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ENC28J60-C/SO データシート(PDF) 84 Page - Microchip Technology

部品番号 ENC28J60-C/SO
部品情報  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-C/SO データシート(HTML) 84 Page - Microchip Technology

Back Button ENC28J60-C/SO Datasheet HTML 80Page - Microchip Technology ENC28J60-C/SO Datasheet HTML 81Page - Microchip Technology ENC28J60-C/SO Datasheet HTML 82Page - Microchip Technology ENC28J60-C/SO Datasheet HTML 83Page - Microchip Technology ENC28J60-C/SO Datasheet HTML 84Page - Microchip Technology ENC28J60-C/SO Datasheet HTML 85Page - Microchip Technology ENC28J60-C/SO Datasheet HTML 86Page - Microchip Technology ENC28J60-C/SO Datasheet HTML 87Page - Microchip Technology ENC28J60-C/SO Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
ENC28J60
DS39662B-page 82
Preliminary
© 2006 Microchip Technology Inc.
FIGURE 16-1:
SPI INPUT TIMING
FIGURE 16-2:
SPI OUTPUT TIMING
TABLE 16-6:
SPI INTERFACE AC CHARACTERISTICS
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
FSCK
Clock Frequency
DC
20
MHz
1TCSS
CS Setup Time
50
—
ns
2TCSH
CS Hold Time
10
—
ns
ETH registers and memory buffer
210
—
ns
MAC and MII registers
3TCSD
CS Disable Time
50
—
ns
4TSU
Data Setup Time
10
—
ns
5THD
Data Hold Time
10
—
ns
6TV
Output Valid from Clock Low
—
10
ns
SO Load = 30 pF
7TDIS
Output Disable Time
—
10
ns
SO Load = 30 pF
TCSS
CS
SCK
SI
SO
TSU THD
1/FSCK
MSb In
LSb In
High-Impedance
TCSH
TCSD
CS
SCK
SI
SO
1/FSCK
LSb In
Don’t Care
MSb Out
TV
TV
LSb Out
TDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96