データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSF0102DDFR データシート(PDF) 8 Page - Texas Instruments

部品番号 LSF0102DDFR
部品情報  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DDFR データシート(HTML) 8 Page - Texas Instruments

Back Button LSF0102DDFR Datasheet HTML 4Page - Texas Instruments LSF0102DDFR Datasheet HTML 5Page - Texas Instruments LSF0102DDFR Datasheet HTML 6Page - Texas Instruments LSF0102DDFR Datasheet HTML 7Page - Texas Instruments LSF0102DDFR Datasheet HTML 8Page - Texas Instruments LSF0102DDFR Datasheet HTML 9Page - Texas Instruments LSF0102DDFR Datasheet HTML 10Page - Texas Instruments LSF0102DDFR Datasheet HTML 11Page - Texas Instruments LSF0102DDFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
6 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
B.
Generators that have the following characteristics generate all input pulses: PRR ≤ 10MHs, ZO = 50Ω, tr ≤ 2ns, tf ≤ 2ns.
C.
The outputs are measured one at a time, with one transition per measurement.
Figure 6-1. Load Circuit for Outputs
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42