データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB2011SS2G02-CC データシート(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

部品番号 MB2011SS2G02-CC
部品情報  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ホームページ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011SS2G02-CC データシート(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2011SS2G02-CC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS2G02-CC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS2G02-CC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS2G02-CC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS2G02-CC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS2G02-CC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS2G02-CC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS2G02-CC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS2G02-CC Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Series MB2000
Miniature Pushbuttons
C73
C
www.nkkswitches.com
Distinctive Characteristics
Guide interlocked with actuator block prevents window locking and
maintains correct plunger alignment to assure contact stability.
Employs an over-center actuator mechanism, which diminishes
sparking and increases operating life in AC circuits.
High torque bushing construction prevents rotation
or separation from frame during installation.
Splashproof option (D3 and B3 bushing codes) features
an o-ring within the bushing and one under the face nut
to protect from splashed, sprayed, or spilled liquids.
Splashproof models meet IP67 of IEC 60529 Standards
at front panel (dust tight and water protected from
effects of temporary immersion).
High insulating barriers, formed in the molded
diallyl phthalate case, increase isolation of circuits
in multipole devices.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Epoxy sealed terminals prevent entry of solder
flux and other contaminants.
Clinching of the frame to the case well above the base
and terminals provides 1,500V dielectric strength.
Actual Size
Bushing Mount
Page C74
Bracket PC Mount
Page C80
Large Bushing
Page C87
05/07/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com