データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DDP-SJS-P1 データシート(PDF) 9 Page - DOMINANT Semiconductors

部品番号 DDP-SJS-P1
部品情報  LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DOMINANT [DOMINANT Semiconductors]
ホームページ  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDP-SJS-P1 データシート(HTML) 9 Page - DOMINANT Semiconductors

Back Button DDP-SJS-P1 Datasheet HTML 4Page - DOMINANT Semiconductors DDP-SJS-P1 Datasheet HTML 5Page - DOMINANT Semiconductors DDP-SJS-P1 Datasheet HTML 6Page - DOMINANT Semiconductors DDP-SJS-P1 Datasheet HTML 7Page - DOMINANT Semiconductors DDP-SJS-P1 Datasheet HTML 8Page - DOMINANT Semiconductors DDP-SJS-P1 Datasheet HTML 9Page - DOMINANT Semiconductors DDP-SJS-P1 Datasheet HTML 10Page - DOMINANT Semiconductors DDP-SJS-P1 Datasheet HTML 11Page - DOMINANT Semiconductors DDP-SJS-P1 Datasheet HTML 12Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
24/11/2006 V(3.0)
9
Packaging Specification
Moisture sensitivity level
Barcode label
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Average 1pc DomiLED/Multi DomiLED
1 completed bag (2000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
55 reels MAX
Small
Large
For DomiLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
30,000 MAX
110,000 MAX
DOMINANT Semiconductors
LOT NO : lotno
PART NO : partno
QTY : qty
S/N : xxx
D/C: xxxx
GROUP : group
Weight (gram)
0.034
190 ± 10
ROHS Compliant
PB Free
AlInGaP : DDP-SJS-NP2-1-I3
DOMINANT TM
Semiconductors
Innovating Illumination
DOMINANT TM
Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12