| データシートサーチシステム |
|
PIC12F683-E/MDQTP データシート(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F683-E/MDQTP データシート(HTML) 83 Page - Microchip Technology |
|
83 / 176 page ![]() © 2007 Microchip Technology Inc. DS41211D-page 81 PIC12F683 TABLE 11-4: REGISTERS ASSOCIATED WITH CAPTURE, COMPARE AND TIMER1 TABLE 11-5: REGISTERS ASSOCIATED WITH PWM AND TIMER2 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets CCP1CON — — DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000 CCPR1L Capture/Compare/PWM Register 1 Low Byte (LSB) xxxx xxxx xxxx xxxx CCPR1H Capture/Compare/PWM Register 1 High Byte (MSB) xxxx xxxx xxxx xxxx CMCON1 — — — — — —T1GSS CMSYNC ---- --10 ---- --10 INTCON GIE PEIE T0IE INTE GPIE T0IF INTF GPIF 0000 0000 0000 000x PIE1 EEIE ADIE CCP1IE — CMIE OSFIE TMR2IE TMR1IE 000- 0000 000- 0000 PIR1 EEIF ADIF CCP1IF — CMIF OSFIF TMR2IF TMR1IF 000- 0000 000- 0000 T1CON T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0000 0000 0000 0000 TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx xxxx xxxx TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx xxxx xxxx TRISIO — — TRISIO5 TRISIO4 TRISIO3 TRISIO2 TRISIO1 TRISIO0 --11 1111 --11 1111 Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Capture and Compare. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets CCP1CON — — DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000 CCPR1L Capture/Compare/PWM Register 1 Low Byte (LSB) xxxx xxxx xxxx xxxx CCPR1H Capture/Compare/PWM Register 1 High Byte (MSB) xxxx xxxx xxxx xxxx INTCON GIE PEIE T0IE INTE GPIE T0IF INTF GPIF 0000 0000 0000 000x PIE1 EEIE ADIE CCP1IE — CMIE OSFIE TMR2IE TMR1IE 000- 0000 -000 0000 PIR1 EEIF ADIF CCP1IF — CMIF OSFIF TMR2IF TMR1IF 000- 0000 -000 0000 PR2 Timer2 Period Register 1111 1111 1111 1111 T2CON — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000 TMR2 Timer2 Module Register 0000 0000 0000 0000 TRISIO — — TRISIO5 TRISIO4 TRISIO3 TRISIO2 TRISIO1 TRISIO0 --11 1111 --11 1111 Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the PWM. |