| データシートサーチシステム |
|
PIC16F628A-E/P データシート(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F628A-E/P データシート(HTML) 35 Page - Microchip Technology |
|
35 / 178 page ![]() © 2007 Microchip Technology Inc. DS40044F-page 33 PIC16F627A/628A/648A FIGURE 5-4: BLOCK DIAGRAM OF RA4/T0CKI/CMP2 PIN FIGURE 5-5: BLOCK DIAGRAM OF THE RA5/MCLR/VPP PIN FIGURE 5-6: BLOCK DIAGRAM OF RA6/OSC2/CLKOUT PIN Data Bus Q D Q CK N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA Vss RA4 Pin Q D Q CK D Q EN TMR0 Clock Input Schmitt Trigger Input Buffer Comparator Output Comparator Mode = 110 Vss 1 0 (CMCON Reg.) D Q EN HV Detect MCLR Filter RA5/MCLR/VPP MCLR Program MCLRE RD VSS Data Bus VSS PORTA RD circuit mode Schmitt Trigger Input Buffer TRISA (Configuration Bit) WR D CK Q Q PORTA WR TRISA VDD VSS CLKOUT(FOSC/4) FOSC = 101, 111 (2) QD RD EN RD PORTA FOSC = D CK Q Q 011, 100, 110 (1) TRISA From OSC1 OSC Circuit Note 1: INTOSC with RA6 = I/O or RC with RA6 = I/O. 2: INTOSC with RA6 = CLKOUT or RC with RA6 = CLKOUT. Schmitt Trigger Input Buffer Data Latch TRIS Latch 1 0 |