| データシートサーチシステム |
|
PIC12F615 データシート(PDF) 91 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F615 データシート(HTML) 91 Page - Microchip Technology |
|
91 / 168 page ![]() © 2006 Microchip Technology Inc. Preliminary DS41302A-page 89 PIC12F609/615/12HV609/615 FIGURE 10-11: PWM AUTO-SHUTDOWN WITH FIRMWARE RESTART (PRSEN = 0) 10.4.4 AUTO-RESTART MODE The Enhanced PWM can be configured to automati- cally restart the PWM signal once the auto-shutdown condition has been removed. Auto-restart is enabled by setting the PRSEN bit in the PWM1CON register. If auto-restart is enabled, the ECCPASE bit will remain set as long as the auto-shutdown condition is active. When the auto-shutdown condition is removed, the ECCPASE bit will be cleared via hardware and normal operation will resume. FIGURE 10-12: PWM AUTO-SHUTDOWN WITH AUTO-RESTART ENABLED (PRSEN = 1) Shutdown PWM ECCPASE bit Activity Event Shutdown Event Occurs Shutdown Event Clears PWM Resumes PWM Period Start of PWM Period ECCPASE Cleared by Firmware Shutdown PWM ECCPASE bit Activity Event Shutdown Event Occurs Shutdown Event Clears PWM Resumes PWM Period Start of PWM Period |