| データシートサーチシステム |
|
PIC16F010-E/MSQTP データシート(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F010-E/MSQTP データシート(HTML) 43 Page - Microchip Technology |
|
43 / 116 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41268C-page 41 PIC12F510/16F506 6.1 Using Timer0 With An External Clock When an external clock input is used for Timer0, it must meet certain requirements. The external clock require- ment is due to internal phase clock (TOSC) synchroniza- tion. Also, there is a delay in the actual incrementing of Timer0 after synchronization. 6.1.1 EXTERNAL CLOCK SYNCHRONIZATION When no prescaler is used, the external clock input is the same as the prescaler output. The synchronization of an external clock with the internal phase clocks is accomplished by sampling the prescaler output on the Q2 and Q4 cycles of the internal phase clocks (Figure 6-4). Therefore, it is necessary for T0CKI or the comparator output to be high for at least 2TOSC (and a small RC delay of 2Tt0H) and low for at least 2TOSC (and a small RC delay of 2Tt0H). Refer to the electrical specification of the desired device. When a prescaler is used, the external clock input is divided by the asynchronous ripple counter-type prescaler, so that the prescaler output is symmetrical. For the external clock to meet the sampling require- ment, the ripple counter must be taken into account. Therefore, it is necessary for T0CKI or the comparator output to have a period of at least 4TOSC (and a small RC delay of 4Tt0H) divided by the prescaler value. The only requirement on T0CKI or the comparator output high and low time is that they do not violate the minimum pulse width requirement of Tt0H. Refer to parameters 40, 41 and 42 in the electrical specification of the desired device. 6.1.2 TIMER0 INCREMENT DELAY Since the prescaler output is synchronized with the internal clocks, there is a small delay from the time the external clock edge occurs to the time the Timer0 module is actually incremented. Figure 6-4 shows the delay from the external clock edge to the timer incrementing. FIGURE 6-4: TIMER0 TIMING WITH EXTERNAL CLOCK 6.2 Prescaler An 8-bit counter is available as a prescaler for the Timer0 module or as a postscaler for the Watchdog Timer (WDT), respectively (see Figure 10-12). For sim- plicity, this counter is being referred to as “prescaler” throughout this data sheet. The PSA and PS<2:0> bits (OPTION<3:0>) determine prescaler assignment and prescale ratio. When assigned to the Timer0 module, all instructions writing to the TMR0 register (e.g., CLRF 1, MOVWF 1, BSF 1, x, etc.) will clear the prescaler. When assigned to WDT, a CLRWDT instruction will clear the prescaler along with the WDT. The prescaler is neither readable nor writable. On a Reset, the prescaler contains all ‘0’s. Increment Timer0 (Q4) External Clock Input or Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Timer0 T0 T0 + 1 T0 + 2 Small pulse misses sampling External Clock/Prescaler Output After Sampling (3) Prescaler Output(2) (1) Note 1: Delay from clock input change to Timer0 increment is 3TOSC to 7TOSC. (Duration of Q = TOSC). Therefore, the error in measuring the interval between two edges on Timer0 input = ±4TOSC max. 2: External clock if no prescaler selected; prescaler output otherwise. 3: The arrows indicate the points in time where sampling occurs. Note: The prescaler may be used by either the Timer0 module or the WDT, but not both. Thus, a prescaler assignment for the Timer0 module means that there is no prescaler for the WDT and vice-versa. |