| データシートサーチシステム |
|
PIC16F010-E/MSQTP データシート(PDF) 107 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F010-E/MSQTP データシート(HTML) 107 Page - Microchip Technology |
|
107 / 116 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41268C-page 105 PIC12F510/16F506 14-Lead Plastic Small Outline (SL) – Narrow, 3.90 mm Body [SOIC] Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. § Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Units MILLIMETERS Dimension Limits MIN NOM MAX Number of Pins N 14 Pitch e 1.27 BSC Overall Height A – – 1.75 Molded Package Thickness A2 1.25 – – Standoff § A1 0.10 – 0.25 Overall Width E 6.00 BSC Molded Package Width E1 3.90 BSC Overall Length D 8.65 BSC Chamfer (optional) h 0.25 – 0.50 Foot Length L 0.40 – 1.27 Footprint L1 1.04 REF Foot Angle φ 0° – 8° Lead Thickness c 0.17 – 0.25 Lead Width b 0.31 – 0.51 Mold Draft Angle Top α 5° – 15° Mold Draft Angle Bottom β 5° – 15° NOTE 1 N D E E1 1 2 3 b e A A1 A2 L L1 c h h α β φ Microchip Technology Drawing C04-065B |