| データシートサーチシステム |
|
PIC16F690-E/MLQTP データシート(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F690-E/MLQTP データシート(HTML) 68 Page - Microchip Technology |
|
68 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 66 © 2007 Microchip Technology Inc. 4.2.5.4 RA3/MCLR/VPP Figure 4-4 shows the diagram for this pin. The RA3/MCLR/VPP pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset with weak pull-up FIGURE 4-4: BLOCK DIAGRAM OF RA3 4.2.5.5 RA4/AN3/T1G/OSC2/CLKOUT Figure 4-5 shows the diagram for this pin. The RA4/AN3/T1G/OSC2/CLKOUT pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • a TMR1 gate input • a crystal/resonator connection • a clock output FIGURE 4-5: BLOCK DIAGRAM OF RA4 Input VSS D Q CK Q D EN Q Data Bus RD PORTA RD PORTA WR IOCA RD IOCA Reset MCLRE RD TRISA VSS D EN Q MCLRE VDD Weak MCLRE Interrupt-on- Change Pin Q3 I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Analog Input Mode Data Bus WR WPUA RD WPUA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA FOSC/4 To A/D Converter(4) Oscillator Circuit OSC1 CLKOUT 0 1 CLKOUT Enable Enable Analog(3) Input Mode RABPU RD PORTA To T1G INTOSC/ RC/EC(2) CLK(1) Modes CLKOUT Enable Note 1: CLK modes are XT, HS, LP, LPTMR1 and CLKOUT Enable. 2: With CLKOUT option. 3: ANSEL determines Analog Input mode. 4: Not implemented on PIC16F631. Interrupt-on- Change Q3 |