| データシートサーチシステム |
|
PIC18F23K20-E/MLQTP データシート(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/MLQTP データシート(HTML) 48 Page - Microchip Technology |
|
48 / 420 page ![]() PIC18F2XK20/4XK20 DS41303B-page 46 Advance Information © 2007 Microchip Technology Inc. 3.4.3 RC_IDLE MODE In RC_IDLE mode, the CPU is disabled but the periph- erals continue to be clocked from the internal oscillator block from the HFINTOSC multiplexer output. This mode allows for controllable power conservation during Idle periods. From RC_RUN, this mode is entered by setting the IDLEN bit and executing a SLEEP instruction. If the device is in another Run mode, first set IDLEN, then set the SCS1 bit and execute SLEEP. It is recommended that SCS0 also be cleared, although its value is ignored, to maintain software compatibility with future devices. The HFINTOSC multiplexer may be used to select a higher clock frequency by modifying the IRCF bits before executing the SLEEP instruction. When the clock source is switched to the HFINTOSC multiplexer, the primary oscillator is shut down and the OSTS bit is cleared. If the IRCF bits are set to any non-zero value, or the INTSRC bit is set, the HFINTOSC output is enabled. The IOFS bit becomes set, after the HFINTOSC output becomes stable, after an interval of TIOBST (parameter 39, Table 26-9). Clocks to the peripherals continue while the HFINTOSC source stabilizes. If the IRCF bits were previously at a non-zero value, or INTSRC was set before the SLEEP instruction was exe- cuted and the HFINTOSC source was already stable, the IOFS bit will remain set. If the IRCF bits and INTSRC are all clear, the HFINTOSC output will not be enabled, the IOFS bit will remain clear and there will be no indication of the current clock source. When a wake event occurs, the peripherals continue to be clocked from the HFINTOSC multiplexer output. After a delay of TCSD following the wake event, the CPU begins executing code being clocked by the HFINTOSC multiplexer. The IDLEN and SCS bits are not affected by the wake-up. The LFINTOSC source will continue to run if either the WDT or the Fail-Safe Clock Monitor is enabled. 3.5 Exiting Idle and Sleep Modes An exit from Sleep mode or any of the Idle modes is triggered by any one of the following: • an interrupt •a Reset • a watchdog time-out This section discusses the triggers that cause exits from power-managed modes. The clocking subsystem actions are discussed in each of the power-managed modes (see Section 3.2 “Run Modes”, Section 3.3 “Sleep Mode” and Section 3.4 “Idle Modes”). 3.5.1 EXIT BY INTERRUPT Any of the available interrupt sources can cause the device to exit from an Idle mode or the Sleep mode to a Run mode. To enable this functionality, an interrupt source must be enabled by setting its enable bit in one of the INTCON or PIE registers. The PEIE bIt must also be set If the desired interrupt enable bit is in a PIE reg- ister. The exit sequence is initiated when the corre- sponding interrupt flag bit is set. The instruction immediately following the SLEEP instruction is executed on all exits by interrupt from Idle or Sleep modes. Code execution then branches to the interrupt vector if the GIE/GIEH bit of the INTCON reg- ister is set, otherwise code execution continues without branching (see Section 9.0 “Interrupts”). A fixed delay of interval TCSD following the wake event is required when leaving Sleep and Idle modes. This delay is required for the CPU to prepare for execution. Instruction execution resumes on the first clock cycle following this delay. 3.5.2 EXIT BY WDT TIME-OUT A WDT time-out will cause different actions depending on which power-managed mode the device is in when the time-out occurs. If the device is not executing code (all Idle modes and Sleep mode), the time-out will result in an exit from the power-managed mode (see Section 3.2 “Run Modes” and Section 3.3 “Sleep Mode”). If the device is executing code (all Run modes), the time-out will result in a WDT Reset (see Section 23.2 “Watchdog Timer (WDT)”). The WDT timer and postscaler are cleared by any one of the following: • executing a SLEEP instruction • executing a CLRWDT instruction • the loss of the currently selected clock source when the Fail-Safe Clock Monitor is enabled • modifying the IRCF bits in the OSCCON register when the internal oscillator block is the device clock source 3.5.3 EXIT BY RESET Exiting Sleep and Idle modes by Reset causes code execution to restart at address 0. See Section 4.0 “Reset” for more details. The exit delay time from Reset to the start of code execution depends on both the clock sources before and after the wake-up and the type of oscillator. Exit delays are summarized in Table 3-3. |