データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431I データシート(PDF) 12 Page - STMicroelectronics

部品番号 TL431I
部品情報  Programmable Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431I データシート(HTML) 12 Page - STMicroelectronics

Back Button TL431I Datasheet HTML 5Page - STMicroelectronics TL431I Datasheet HTML 6Page - STMicroelectronics TL431I Datasheet HTML 7Page - STMicroelectronics TL431I Datasheet HTML 8Page - STMicroelectronics TL431I Datasheet HTML 9Page - STMicroelectronics TL431I Datasheet HTML 10Page - STMicroelectronics TL431I Datasheet HTML 11Page - STMicroelectronics TL431I Datasheet HTML 12Page - STMicroelectronics TL431I Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Package Mechanical Data
TL431
12/13
4.4
TO92 (Bulk) Package
Dim.
Millimeters
Inches
Min
Typ.
Max.
Min.
Typ.
Max.
L
1.27
0.05
B
3.2
3.7
4.2
0.126
0.1457
0.1654
O1
4.45
5.00
5.2
0.1752
0.1969
0.2047
C
4.58
5.03
5.33
0.1803
0.198
0.2098
K
12.7
0.5
O2
0.407
0.5
0.508
0.016
0.0197
0.02
a
0.35
0.0138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13