| データシートサーチシステム |
|
10F200 データシート(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
10F200 データシート(HTML) 38 Page - Microchip Technology |
|
38 / 96 page ![]() PIC10F200/202/204/206 DS41239D-page 36 © 2007 Microchip Technology Inc. EXAMPLE 7-2: CHANGING PRESCALER (WDT →TIMER0) FIGURE 7-5: BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER CLRWDT ;Clear WDT and ;prescaler MOVLW ‘xxxx0xxx’ ;Select TMR0, new ;prescale value and ;clock source OPTION TCY (= FOSC/4) Sync 2 Cycles TMR0 Reg 8-bit Prescaler 8-to-1 MUX M MUX Watchdog Timer PSA(1) 0 1 0 1 WDT Time-out PS<2:0>(1) 8 PSA(1) WDT Enable bit 0 1 0 1 Data Bus 8 PSA(1) T0CS(1) M U X M U X U X T0SE(1) GP2/T0CKI(2) Pin Note 1: T0CS, T0SE, PSA, PS<2:0> are bits in the OPTION register. 2: T0CKI is shared with pin GP2. 3: Bit CMPT0CS is located in the CMCON0 register. 1 0 Comparator Output CMPT0CS(3) |