| データシートサーチシステム |
|
ST3000DM009 データシート(PDF) 21 Page - Seagate Technology LLC |
|
|
|||||||||||||||||||||||||||||
ST3000DM009 データシート(HTML) 21 Page - Seagate Technology LLC |
|
21 / 38 page ![]() Seagate BarraCuda Product Manual, Rev. A 20 www.seagate.com Drive Specifications 2.14 Environmental protection Seagate designs its products to meet environmental protection requirements worldwide, including regulations restricting certain chemical substances. 2.14.1 European Union Restriction of Hazardous Substances (RoHS) Directive The European Union Restriction of Hazardous Substances (RoHS) Directive, restricts the presence of chemical substances, including Lead, Cadmium, Mercury, Hexavalent Chromium, PBB and PBDE, in electronic products, effective July 2006. This drive is manufactured with components and materials that comply with the RoHS Directive. 2.14.2 China Requirements — China RoHS 2 China RoHS 2 refers to the Ministry of Industry and Information Technology Order No. 32, effective July 1, 2016, titled Management Methods for the Restriction of the Use of Hazardous Substances in Electrical and Electronic Products. To comply with China RoHS 2, we determined this product's Environmental Protection Use Period (EPUP) to be 20 years in accordance with the Marking for the Restricted Use of Hazardous Substances in Electronic and Electrical Products, SJT 11364- 2014. 中国电器电子产品有害物质限制使用管理办法 (Management Methods for the Restriction of the Use of Hazardous Substances in Electrical and Electronic Products _ China RoHS) 产品中有害物质的名称及含量 (Name and Content of the Hazardous Substances in Product) Table 6 Hazardous Substances 部件名称 Part Name 有害物质 Hazardous Substances 铅 Lead (Pb) 汞 Mercury (Hg) 镉 Cadmium (Cd) 六价铬 Hexavalent Chromium (CF (VI)) 多溴联苯 Polybrominated biphenyls (PBB) 多溴二苯醚 Polybrominated diphenyl ethers (PBDE) 印刷电路板组装 PCBA XO O O O O 机壳 Chassis XO O O O O 本表格依据 SJ/T 11364 的规定编制。 This table is prepared in accordance with the provisions of SJ/T 11364-2014 O:表示该有害物质在该部件所有均质材料中的含量均在 GB/T 26572 规定的限量要求以下。 O: Indicates that the hazardous substance contained in all of the homogeneous materials for this part is below the limit requirement of GB/T26572. X:表示该有害物质至少在该部件的某一均质材料中的含量超出 GB/T 26572 规定的限量要求。 X: Indicates that the hazardous substance contained in at least one of the homogeneous materials used for this part is above the limit requirement of GB/T26572. 20 |