| データシートサーチシステム |
|
PIC16F-I/SS データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F-I/SS データシート(HTML) 21 Page - Microchip Technology |
|
21 / 178 page ![]() © 2007 Microchip Technology Inc. DS40044F-page 19 PIC16F627A/628A/648A TABLE 4-4: SPECIAL FUNCTION REGISTERS SUMMARY BANK1 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR Reset(1) Details on Page Bank 1 80h INDF Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx 28 81h OPTION RBPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 23 82h PCL Program Counter’s (PC) Least Significant Byte 0000 0000 28 83h STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 22 84h FSR Indirect Data Memory Address Pointer xxxx xxxx 28 85h TRISA TRISA7 TRISA6 TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 1111 1111 31 86h TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 1111 1111 36 87h — Unimplemented — — 88h — Unimplemented — — 89h — Unimplemented — — 8Ah PCLATH — — — Write Buffer for upper 5 bits of Program Counter ---0 0000 28 8Bh INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 0000 000x 24 8Ch PIE1 EEIE CMIE RCIE TXIE — CCP1IE TMR2IE TMR1IE 0000 -000 25 8Dh — Unimplemented — — 8Eh PCON — — — — OSCF —POR BOR ---- 1-0x 27 8Fh — Unimplemented — — 90h — Unimplemented — — 91h — Unimplemented — — 92h PR2 Timer2 Period Register 1111 1111 52 93h — Unimplemented — — 94h — Unimplemented — — 95h — Unimplemented — — 96h — Unimplemented — — 97h — Unimplemented — — 98h TXSTA CSRC TX9 TXEN SYNC — BRGH TRMT TX9D 0000 -010 71 99h SPBRG Baud Rate Generator Register 0000 0000 73 9Ah EEDATA EEPROM Data Register xxxx xxxx 89 9Bh EEADR EEPROM Address Register xxxx xxxx 90 9Ch EECON1 — — — — WRERR WREN WR RD ---- x000 90 9Dh EECON2 EEPROM Control Register 2 (not a physical register) ---- ---- 90 9Eh — Unimplemented — — 9Fh VRCON VREN VROE VRR — VR3 VR2 VR1 VR0 000- 0000 67 Legend: - = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented Note 1: For the initialization condition for registers tables, refer to Table 14-6 and Table 14-7. |