データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC12F635-E/SS データシート(PDF) 56 Page - Microchip Technology

部品番号 PIC12F635-E/SS
部品情報  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/SS データシート(HTML) 56 Page - Microchip Technology

Back Button PIC12F635-E/SS Datasheet HTML 52Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 53Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 54Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 55Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 56Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 57Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 58Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 59Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 54
© 2007 Microchip Technology Inc.
4.2.4.4
RA3/MCLR/VPP
Figure 4-4 shows the diagram for this pin. The RA3 pin
is configurable to function as one of the following:
• a general purpose input
• as Master Clear Reset with weak pull-up
• a high-voltage detect for Program mode entry
FIGURE 4-4:
BLOCK DIAGRAM OF RA3
Input
VSS
D
Q
CK
Q
D
EN
Q
Data Bus
RD PORTA
RD
PORTA
WR
IOCA
RD
IOCA
Reset
MCLRE
RD
TRISA
VSS
D
EN
Q
MCLRE
VDD
Weak
MCLRE
Interrupt-on-
change
pin
HV Detect
Program
Mode
Q1
WURE
Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More