データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7679AST データシート(PDF) 23 Page - Analog Devices

部品番号 AD7679AST
部品情報  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7679AST データシート(HTML) 23 Page - Analog Devices

Back Button AD7679AST Datasheet HTML 19Page - Analog Devices AD7679AST Datasheet HTML 20Page - Analog Devices AD7679AST Datasheet HTML 21Page - Analog Devices AD7679AST Datasheet HTML 22Page - Analog Devices AD7679AST Datasheet HTML 23Page - Analog Devices AD7679AST Datasheet HTML 24Page - Analog Devices AD7679AST Datasheet HTML 25Page - Analog Devices AD7679AST Datasheet HTML 26Page - Analog Devices AD7679AST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD7679
Rev. 0 | Page 23 of 28
SCLK
SDOUT
D17
D16
D1
D0
D15
X17
X16
X15
X1
X0
Y17
Y16
BUSY
SDIN
INVSCLK = 0
X17
X16
X
12
3
17
18
19
20
EXT/INT = 1
RD = 0
t35
t36 t37
t31
t32
t34
t16
t33
CS
03085-0-042
Figure 40. Slave Serial Data Timing for Reading (Read after Convert)
SDOUT
SCLK
D1
D0
X
D17
D16
D15
12
3
17
18
BUSY
INVSCLK = 0
EXT/INT = 1
RD = 0
t35
t36 t37
t31
t32
t16
t3
CS
CNVST
03085-0-043
Figure 41. Slave Serial Data Timing for Reading (Read Previous Conversion during Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28