| データシートサーチシステム |
|
DSPIC30F2011 データシート(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2011 データシート(HTML) 16 Page - Microchip Technology |
|
16 / 205 page ![]() ds PIC30F2011/2012/3012/3013 DS70139E-page 14 © 2006 Microchip Technology Inc. Table 1-1 provides a brief description of device I/O pinouts and the functions that may be multiplexed to a port pin. Multiple functions may exist on one port pin. When multiplexing occurs, the peripheral module’s functional requirements may force an override of the data direction of the port pin. TABLE 1-1: PINOUT I/O DESCRIPTIONS Pin Name Pin Type Buffer Type Description AN0 - AN9 I Analog Analog input channels. AVDD P P Positive supply for analog module. AVSS P P Ground reference for analog module. CLKI CLKO I O ST/CMOS — External clock source input. Always associated with OSC1 pin function. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in RC and EC modes. Always associated with OSC2 pin function. CN0 - CN7 I ST Input change notification inputs. Can be software programmed for internal weak pull-ups on all inputs. EMUD EMUC EMUD1 EMUC1 EMUD2 EMUC2 EMUD3 EMUC3 I/O I/O I/O I/O I/O I/O I/O I/O ST ST ST ST ST ST ST ST ICD Primary Communication Channel data input/output pin. ICD Primary Communication Channel clock input/output pin. ICD Secondary Communication Channel data input/output pin. ICD Secondary Communication Channel clock input/output pin. ICD Tertiary Communication Channel data input/output pin. ICD Tertiary Communication Channel clock input/output pin. ICD Quaternary Communication Channel data input/output pin. ICD Quaternary Communication Channel clock input/output pin. IC1 - IC2 I ST Capture inputs 1 through 2. INT0 INT1 INT2 I I I ST ST ST External interrupt 0. External interrupt 1. External interrupt 2. LVDIN I Analog Low-Voltage Detect Reference Voltage Input pin. MCLR I/P ST Master Clear (Reset) input or programming voltage input. This pin is an active-low Reset to the device. OC1-OC2 OCFA O I — ST Compare outputs 1 through 2. Compare Fault A input. OSC1 OSC2 I I/O ST/CMOS — Oscillator crystal input. ST buffer when configured in RC mode; CMOS otherwise. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in RC and EC modes. PGD PGC I/O I ST ST In-Circuit Serial Programming™ data input/output pin. In-Circuit Serial Programming clock input pin. RB0 - RB9 I/O ST PORTB is a bidirectional I/O port. RC13 - RC15 I/O ST PORTC is a bidirectional I/O port. RD0, RD8 - RD9 I/O ST PORTD is a bidirectional I/O port. RF2 - RF5 I/O ST PORTF is a bidirectional I/O port. SCK1 SDI1 SDO1 SS1 I/O I O I ST ST — ST Synchronous serial clock input/output for SPI1. SPI1 Data In. SPI1 Data Out. SPI1 Slave Synchronization. Legend: CMOS = CMOS compatible input or output Analog = Analog input ST = Schmitt Trigger input with CMOS levels O = Output I = Input P = Power |