| データシートサーチシステム |
|
PIC18F23K20-E/SOSQTP データシート(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/SOSQTP データシート(HTML) 15 Page - Microchip Technology |
|
15 / 420 page ![]() © 2007 Microchip Technology Inc. Advance Information DS41303B-page 13 PIC18F2XK20/4XK20 FIGURE 1-2: PIC18F4XK20 (40/44-PIN) BLOCK DIAGRAM Instruction Decode and Control Data Latch Data Memory Address Latch Data Address<12> 12 Access BSR FSR0 FSR1 FSR2 inc/dec logic Address 4 12 4 PCH PCL 31-Level Stack Program Counter PRODL PRODH 8 x 8 Multiply 8 BITOP 8 8 ALU<8> Address Latch Program Memory (8/16/32/64 Kbytes) Data Latch 20 8 8 Table Pointer<21> inc/dec logic 21 Data Bus<8> Table Latch 8 IR 12 3 ROM Latch PORTD RD0/PSP0 PCU PORTE MCLR/VPP/RE3(2) RE2/CS/AN7 RE0/RD/AN5 RE1/WR/AN6 Note 1: CCP2 is multiplexed with RC1 when Configuration bit CCP2MX is set, or RB3 when CCP2MX is not set. 2: RE3 is only available when MCLR functionality is disabled. 3: OSC1/CLKIN and OSC2/CLKOUT are only available in select oscillator modes and when these pins are not being used as digital I/O. Refer to Section 2.0 “Oscillator Module (With Fail-Safe Clock Monitor)” for additional information. EUSART Comparator MSSP 10-bit ADC Timer2 Timer1 Timer3 Timer0 CCP2 HLVD ECCP1 BOR Data EEPROM W Instruction Bus <16> STKPTR Bank 8 State machine control signals Decode 8 8 Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer OSC1(3) OSC2(3) VDD, Brown-out Reset Internal Oscillator Fail-Safe Clock Monitor Precision Reference Band Gap VSS MCLR(2) Block LFINTOSC Oscillator 16 MHz Oscillator Single-Supply Programming In-Circuit Debugger T1OSI T1OSO RD1/PSP1 RD2/PSP2 RD3/PSP3 PORTA PORTB PORTC RA4/T0CKI/C1OUT RA5/AN4/SS/HLVDIN/C2OUT RB0/INT0/FLT0/AN12 RC0/T1OSO/T13CKI RC1/T1OSI/CCP2(1) RC2/CCP1/P1A RC3/SCK/SCL RC4/SDI/SDA RC5/SDO RC6/TX/CK RC7/RX/DT RA3/AN3/VREF+ RA2/AN2/VREF-/CVREF RA1/AN1 RA0/AN0 RB1/INT1/AN10 RB2/INT2/AN8 RB3/AN9/CCP2(1) OSC2/CLKOUT(3)/RA6 RB4/KBI0/AN11 RB5/KBI1/PGM RB6/KBI2/PGC RB7/KBI3/PGD OSC1/CLKIN(3)/RA7 RD4/PSP4 RD5/PSP5/P1B RD6/PSP6/P1C RD7/PSP7/P1D FVR FVR PSP FVR CVREF PCLATH 8 8 PCLATU |