| データシートサーチシステム |
|
PIC12F615-E/PSQTP データシート(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F615-E/PSQTP データシート(HTML) 41 Page - Microchip Technology |
|
41 / 168 page ![]() © 2006 Microchip Technology Inc. Preliminary DS41302A-page 39 PIC12F609/615/12HV609/615 4.2.4.6 GP5/T1CKI/P1A(1, 2)/OSC1/CLKIN Figure 4-5 shows the diagram for this pin. The GP5 pin is configurable to function as one of the following: • a general purpose I/O • a Timer1 clock input • PWM output, alternate pin (1, 2) • a crystal/resonator connection • a clock input FIGURE 4-5: BLOCK DIAGRAM OF GP5 Note 1: Alternate pin function. 2: PIC12F615/HV615 only. VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPU RD WPU RD GPIO WR GPIO WR TRISIO RD TRISIO WR IOC RD IOC To Timer1 INTOSC Mode RD GPIO INTOSC Mode GPPU OSC2 Note 1: Timer1 LP Oscillator enabled. 2: Set has priority over Reset. TMR1LPEN(1) Oscillator Circuit Q1 I/O Pin Interrupt-on- Change S(2) R Q From other GP<4:0> pins Write ‘0’ to GBIF |