データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP467GSZ データシート(PDF) 18 Page - Analog Devices

部品番号 OP467GSZ
部品情報  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP467GSZ データシート(HTML) 18 Page - Analog Devices

Back Button OP467GSZ Datasheet HTML 12Page - Analog Devices OP467GSZ Datasheet HTML 13Page - Analog Devices OP467GSZ Datasheet HTML 14Page - Analog Devices OP467GSZ Datasheet HTML 15Page - Analog Devices OP467GSZ Datasheet HTML 16Page - Analog Devices OP467GSZ Datasheet HTML 17Page - Analog Devices OP467GSZ Datasheet HTML 18Page - Analog Devices OP467GSZ Datasheet HTML 19Page - Analog Devices OP467GSZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
OP467
G2
R10
C4
ISY
RMP2
RMP1
20
15
D5
D3
D4
D6
23
24
22
21
V3
V4
G01
R02
R01
L1
99
26
15
99
27
Rev. | Page 18 of 20
EREF
G4
D7
G5
D8
G02
50
50
–
+
98
– +
–+
Figure 54. SPICE Macro-Model Output Stage
IOS
CIN
I1
EOS
R3
5
G1
99
99
N+
2
1
R4
6
R5
R6
4
89
7
C2
R7
10
98
12
EREF
RC
ECM
CC
28
C3
R8
14
27
V1
11
13
D2
D1
R9
50
50
V2
–
+
Q1
Q2
N–
–
+
– +
–
+
–
+
Figure 55. SPICE Macro-Model Input and Gain Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20