データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F883-E/PSQTP データシート(PDF) 15 Page - Microchip Technology

部品番号 PIC16F883-E/PSQTP
部品情報  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/PSQTP データシート(HTML) 15 Page - Microchip Technology

Back Button PIC16F883-E/PSQTP Datasheet HTML 11Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 12Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 13Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 14Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 15Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 16Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 17Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 18Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 13
PIC16F882/883/884/886/887
1.0
DEVICE OVERVIEW
The PIC16F882/883/884/886/887 is covered by this
data sheet. The PIC16F882/883/886 is available in 28-
pin PDIP, SOIC, SSOP and QFN packages. The
PIC16F884/887 is available in a 40-pin PDIP and 44-
pin QFN and TQFP packages. Figure 1-1 shows the
block diagram of PIC16F882/883/886 and Figure 1-2
shows a block diagram of the PIC16F884/887 device.
Table 1-1 and Table 1-2 show the corresponding pinout
descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More