| データシートサーチシステム |
|
DSPIC33FJ32GP202-E/ML データシート(PDF) 91 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202-E/ML データシート(HTML) 91 Page - Microchip Technology |
|
91 / 252 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70290A-page 89 dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304 7.0 OSCILLATOR CONFIGURATION The dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304 oscillator system provides: • External and internal oscillator options as clock sources • An on-chip PLL to scale the internal operating frequency to the required system clock frequency • An internal FRC oscillator that can also be used with the PLL, thereby allowing full-speed operation without any external clock generation hardware • Clock switching between various clock sources • Programmable clock postscaler for system power savings • A Fail-Safe Clock Monitor (FSCM) that detects clock failure and takes fail-safe measures • A Clock Control register (OSCCON) • Nonvolatile Configuration bits for main oscillator selection. A simplified diagram of the oscillator system is shown in Figure 7-1. FIGURE 7-1: dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304 OSCILLATOR SYSTEM DIAGRAM Note: This data sheet summarizes the features of the dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304 devices. It is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to the “dsPIC33F Family Reference Manual”. dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304 Secondary Oscillator LPOSCEN SOSCO SOSCI Timer 1 OSCI OSCO Primary Oscillator XTPLL, HSPLL, XT, HS, EC FRCDIV<2:0> WDT, PWRT, FSCM FRCDIVN SOSC FRCDIV16 ECPLL, FRCPLL NOSC<2:0> FNOSC<2:0> Reset FRC Oscillator LPRC Oscillator DOZE<2:0> S3 S1 S2 S1/S3 S7 S6 FRC LPRC S0 S5 S4 ÷16 Clock Switch S7 Clock Fail ÷ 2 TUN<5:0> PLL(1) FCY FOSC Note 1: See Figure 7-2 for PLL details. |