データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F2M03C2001 データシート(PDF) 29 Page - List of Unclassifed Manufacturers

部品番号 F2M03C2001
部品情報  Class 2 Bluetooth??Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03C2001 データシート(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button F2M03C2001 Datasheet HTML 25Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 26Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 27Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 28Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 29Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 30Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 31Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 32Page - List of Unclassifed Manufacturers F2M03C2001 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Rev: 13 September 2005
Class 2 Bluetooth module - F2M03C2
Datasheet
6.3
Serial Peripheral Interface
F2M03 is a slave device that uses terminals SPI_MOSI, SPI_MISO, SPI_CLK and SPI_CSB. This interface
is used for program emulation/debug and IC test. It is also the means by which the F2M03 flash may be
programmed, before any 'boot' program is loaded.
Note:
The designer should be aware that no security protection is built into the hardware or firmware associated with this port,
so the terminals should not be permanently connected in a PC application. This interface is not a user interface and
only used for initial download and configuration by Free2move.
© 2003 Free2move AB
Page 29(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46