データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F917-E/ML データシート(PDF) 71 Page - Microchip Technology

部品番号 PIC16F917-E/ML
部品情報  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-E/ML データシート(HTML) 71 Page - Microchip Technology

Back Button PIC16F917-E/ML Datasheet HTML 67Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 68Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 69Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 70Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 71Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 72Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 73Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 74Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 69
PIC16F913/914/916/917/946
3.5.1.8
RC7/RX/DT/SDI/SDA/SEG8
Figure 3-21 shows the diagram for this pin. The RC7
pin is configurable to function as one of the following:
• a general purpose I/O
• an asynchronous serial input
• a synchronous serial data I/O
• a SPI data input
•an I2C data I/O
• an analog output for the LCD
FIGURE 3-21:
BLOCK DIAGRAM OF RC7
Data Bus
WR PORTC
WR TRISC
RD PORTC
RX/SDI Input
SEG8
0
1
I2C™ Data Out
Schmitt
Trigger
I/O Pin
Data Latch
TRIS Latch
Q
D
Q
CK
Q
D
Q
CK
I2C™ Drive
SE8 and LCDEN
RD TRISC
PORT/(USART or I2C™) Select
USART/I2C™ Mode Select(1)
DT Data Out
or SCEN Drive
SE8 and LCDEN
Note 1: If all three data output sources are enabled, the following priority order will be used:
• USART data (highest)
• SSP data
• PORT data (lowest)
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More