| データシートサーチシステム |
|
PIC16F010-I/ST データシート(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F010-I/ST データシート(HTML) 33 Page - Microchip Technology |
|
33 / 116 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41268C-page 31 PIC12F510/16F506 FIGURE 5-8: BLOCK DIAGRAM OF RB5/GP5 FIGURE 5-9: BLOCK DIAGRAM OF RC0/RC1 Data Bus Q D Q CK Q D Q CK WR Port TRIS ‘f’ Data TRIS RD Port I/O pin(1) W Reg Latch Latch Reset Note 1: I/O pins have protection diodes to VDD and VSS. 2: Input mode is disabled when pin is used for oscillator. Oscillator Circuit OSC2 (Note 2) Data Bus Q D Q CK Q D Q CK WR Port TRIS ‘f’ Data TRIS RD Port I/O pin(1) W Reg Latch Latch Reset Note 1: I/O pins have protection diodes to VDD and VSS. Comp Pin Enable COMP2 |