| データシートサーチシステム |
|
DN63 データシート(PDF) 6 Page - VAT Group AG |
|
|
|||||||||||||||||||||||||||||
DN63 データシート(HTML) 6 Page - VAT Group AG |
|
6 / 19 page ![]() Installation, Operating & Maintenance Instructions Series 64, DN 63-400 (I.D. 21/2" - 16") VAT Vakuumventile AG, CH-9469 Haag, Switzerland Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com 219034EM 2013-08-27 6/19 2.2.2 Admissible forces Forces from evacuating the system, from the weight of other components, and from baking can lead to deformation of the valve body and to malfunction of the valve. The stress has to be relieved by suitable means, e.g. bellows sections. The following forces are admissible: DN (nom. I.D.) Axial tensile or compressive force «FA» Bending moment «M» mm inch N lbf Nm lbf ft 63 2 1/ 2 1960 440 78 58 100 4 2450 560 98 72 160 6 2940 660 147 108 200 8 2940 660 147 108 250 10 3430 770 196 145 320 / 350 12 / 14 3920 880 294 217 400 16 7840 1760 980 722 If a combination of both forces (FA and M) occurs, the values mentioned above are invalid. Please contact VAT for more information. F A M |