| データシートサーチシステム |
|
PIC16F616-E/ML データシート(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/ML データシート(HTML) 9 Page - Microchip Technology |
|
9 / 180 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41288C-page 7 PIC16F610/616/16HV610/616 1.0 DEVICE OVERVIEW The PIC16F610/616/16HV610/616 is covered by this data sheet. It is available in 14-pin PDIP, SOIC, TSSOP and 16-pin QFN packages. Block Diagrams and pinout descriptions of the devices are as follows: • PIC16F610/16HV610 (Figure 1-1, Table 1-1) • PIC16F616/16HV616 (Figure 1-2, Table 1-2) FIGURE 1-1: PIC16F610/16HV610 BLOCK DIAGRAM Flash Program Memory 13 Data Bus 8 14 Program Bus Instruction Reg Program Counter RAM File Registers Direct Addr 7 RAM Addr 9 Addr MUX Indirect Addr FSR Reg STATUS Reg MUX ALU W Reg Instruction Decode and Control Timing Generation OSC1/CLKIN OSC2/CLKOUT PORTA 8 8 8 3 8-Level Stack 64 Bytes 1K X 14 (13-Bit) Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VSS Brown-out Reset Timer0 Timer1 RA0 RA1 RA2 RA3 RA4 RA5 2 Analog Comparators T0CKI INT T1CKI Configuration Internal Oscillator T1G PORTC VDD Block Shunt Regulator (PIC16HV610 only) RC0 RC1 RC2 RC3 RC4 RC5 Comparator Voltage Reference Fixed Voltage Reference |